Part Number Hot Search : 
1837488 X9313 00EL1 D45H11FP TR3000 BCR16PM TSOP1836 HSG1003
Product Description
Full Text Search
 

To Download SPD04N60C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
SPD04N60C2 SPU04N60C2
Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * Ultra low effective capacitances * Improved noise immunity
P-TO251
Product Summary VDS RDS(on) ID 600 0.95 4.5
P-TO252
V A
Type SPD04N60C2 SPU04N60C2
Package P-TO252 P-TO251
Ordering Code Q67040-S4307 Q67040-S4306
Marking 04N60C2 04N60C2
Maximum Ratings, at TC = 25C, unless otherwise specified Parameter Continuous drain current
TC = 25 C TC = 100 C
Symbol ID
Value 4.5 2.8
Unit A
Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse
ID =3.6A, VDD =50V
ID puls EAS EAR IAR dv/dt VGS Ptot Tj , Tstg
9 130 0.4 4.5 6 20 50 -55... +150 A V/ns V W C mJ
Avalanche energy, repetitive tAR limited by Tjmax 1)
ID =4.5A, VDD =50V
Avalanche current, repetitive tAR limited by Tjmax Reverse diode dv/dt
IS =4.5A, VDS < VDD , di/dt=100A/s, Tjmax=150C
Gate source voltage Power dissipation, TC = 25C Operating and storage temperature
Page 1
2002-10-07
Final data Thermal Characteristics Parameter Characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient, leaded SMD version, device on PCB: @ min. footprint @ 6 cm2 cooling area 2) Linear derating factor Soldering temperature, 1.6 mm (0.063 in.) from case for 10s Electrical Characteristics, at Tj = 25 C, unless otherwise specified Static Characteristics Drain-source breakdown voltage
VGS =0V, ID =0.25mA
SPD04N60C2 SPU04N60C2
Symbol min. RthJC RthJA RthJA Tsold -
Values typ. max. 2.5 75 75 50 0.4 260
Unit
K/W
W/K C
V(BR)DSS V(BR)DS VGS(th) IDSS
600 3.5
700 4.5
5.5
V
Drain-source avalanche breakdown voltage
VGS =0V, ID =4.5A
Gate threshold voltage, VGS = VDS
ID =200A, Tj =25C
Zero gate voltage drain current
VDS = 600 V, VGS = 0 V, Tj = 25 C VDS = 600 V, VGS = 0 V, Tj = 150 C
A 0.5 0.85 0.95 1 50 100 0.95 nA
Gate-source leakage current
VGS =20V, VDS=0V
IGSS RDS(on) RG
-
Drain-source on-state resistance
VGS =10V, ID=2.8A, Tj =25C
Gate input resistance f = 1 MHz, open drain
1Repetitve avalanche causes additional power losses that can be calculated as P =E *f. AV AR 2Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2
2002-10-07
Final data Electrical Characteristics , at Tj = 25 C, unless otherwise specified Parameter Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance energy related Effective output capacitance, 2) Co(tr) time related Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
VDD =350V, ID =4.5A, VGS =0 to 10V VDD =350V, ID =4.5A
SPD04N60C2 SPU04N60C2
Symbol
Conditions min.
Values typ. 2.5 580 220 7 20 35 10 31 44 12.5 66 18.8 max.
Unit
g fs Ciss Coss Crss
V DS2*I D*R DS(on)max, ID=2.8A V GS=0V, V DS=25V, f=1MHz
-
S pF
Effective output capacitance, 1) Co(er)
V GS=0V, V DS=0V to 480V
pF
t d(on) tr t d(off) tf
V DD=380V, V GS=0/13V, ID=4.5A, RG=18, Tj=125C
-
ns
-
4.5 11 17.6 8
22.9 -
nC
V(plateau) VDD =350V, ID =4.5A
V
1C o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS . 2Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS .
Page 3
2002-10-07
Final data Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Characteristics Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current VSD trr Qrr Irrm dirr /dt
V GS=0V, I F=IS V R=350V, I F=I S , diF/dt=100A/s
SPD04N60C2 SPU04N60C2
Symbol
Conditions min.
Values typ. 1 900 3.2 12 440 max. 4.5 9 1.2 1530 -
Unit
IS ISM
TC=25C
-
A
V ns C A A/s
Typical Transient Thermal Characteristics Symbol Thermal resistance Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.039 0.083 0.101 0.262 0.294 0.094 K/W Value typ. Thermal capacitance Cth1 Cth2 Cth3 Cth4 Cth5 Cth6 0.00008293 0.000282 0.0004859 0.0006523 0.005017 0.052 Ws/K Unit Symbol Value typ. Unit
Tj P tot (t)
R th1
R th,n
T case
E xternal H eatsink
C th1
C th2
C th,n T am b
Page 4
2002-10-07
Final data 1 Power dissipation Ptot = f (TC )
55
SPD04N60C2
SPD04N60C2 SPU04N60C2
2 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC =25C
10 1
W
A
45 40
Ptot
10 0 35 30 25 20 15 10 5 0 0 20 40 60 80 100 120 10 -1
ID
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
C
160
10 -2 0 10
10
1
10
2
TC
10 V VDS
3
3 Transient thermal impedance ZthJC = f (tp ) parameter: D = tp/T
10
1
4 Typ. output characteristic ID = f (VDS ); Tj=25C parameter: tp = 10 s, VGS
14
K/W A
10 0
20V 12V 10V
9.5V
ZthJC
10
ID
8 10
-1
9V
10 -2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
8.5V
6
8V
4
7.5V
2
7V 6.5V
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
s tp
10
-1
0 0
5
10
15
V VDS
25
Page 5
2002-10-07
Final data 5 Typ. output characteristic ID = f (VDS ); Tj=150C parameter: tp = 10 s, VGS
8
SPD04N60C2 SPU04N60C2
6 Typ. drain-source on resistance RDS(on) =f(ID ) parameter: Tj =150C, VGS
5
A
20V 12V 10V 9.5V
9V 8.5V
RDS(on)
4
ID
8V
3.5
4
7.5V
3
2.5
7V
2
6.5V 6V
2
1.5
20V 12V 10V 9V 8.5V 8V 7.5V 7V 6.5V 6V
1 2 3 4 5 6 7
0 0
5
10
15
V VDS
25
1 0
A ID
8.5
7 Drain-source on-state resistance RDS(on) = f (Tj ) parameter : ID = 2.8 A, VGS = 10 V
5.5
SPD04N60C2
8 Typ. transfer characteristics ID= f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s
16
4.5
A
RDS(on)
4 3.5 3
12
ID
10
25 C 150 C
8 2.5 2 1.5 98% 1 0.5 0 -60 -20 20 60 100
C
6
4 typ 2
180
0 0
2
4
6
8
10
12
14
16
Tj
Page 6
V 20 VGS
2002-10-07
Final data 9 Forward characteristics of body diode IF = f (VSD ) parameter: Tj , tp = 10 s
10 1
SPD04N60C2
SPD04N60C2 SPU04N60C2
10 Typ. switching time t = f (RG ), inductive load, Tj =125C par.: VDS =380V, VGS=0/+13V, ID=4.5 A
10 3
A
ns
td(off)
td(on)
10 0
10 2
IF
t
tr
tf
10 -1 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10 -2 0
10 1
0.4
0.8
1.2
1.6
2
2.4 V
3
10 0 0
20
40
60
80 100 120 140 160
VSD
200 RG
11 Typ. switching losses1) E = f (ID ), inductive load, Tj=125C par.: VDS =380V, VGS=0/+13V, RG =18
0.12
*) E on includes SDP06S60 diode commutation losses. 1This chart helps to estimate the switching power losses. The values can be different under other operating conditions.
12 Typ. switching losses1) E = f(RG ), inductive load, Tj =125C par.: VDS =380V, VGS=0/+13V,ID =4.5A
0.22
mWs
mWs
*) Eon includes SDP06S60 diode commutation losses. 1This chart helps to estimate the switching power losses. 0.18 The values can be different under other operating conditions. 0.16
0.08
E
E
0.06
0.14 0.12 0.1
Eon* Eoff
Eon*
0.04
Eoff
0.08 0.06
0.02
0.04 0.02
0 0
1
2
3
4
5
6
A ID
8
0 0
20
40
60
80 100 120 140 160
200 RG
Page 7
2002-10-07
Final data 13 Avalanche SOA IAR = f (tAR ) par.: Tj 150 C
4.5
SPD04N60C2 SPU04N60C2
14 Avalanche energy EAS = f (Tj ) par.: ID = 3.6 A, VDD = 50 V
160
T j(START)=25C
A
mJ
3.5
120
EAS
T j(START)=125C
IAR
3 2.5
100
80 2 60 1.5 1 0.5 0 -3 10 40
20
10
-2
10
-1
10
0
10
1
10
2
4 s 10 tAR
0 20
40
60
80
100
120
C
160
Tj
15 Drain-source breakdown voltage V(BR)DSS = f (Tj )
SPD04N60C2
16 Avalanche power losses PAR = f (f ) parameter: EAR =0.4mJ
200
720
V
W
V (BR)DSS
680 660 640
150
P AR
125
100 620 75 600 580 560 540 -60 50
25
-20
20
60
100
C
180
04 10
10
5
Hz f
10
6
Tj
Page 8
2002-10-07
Final data 17 Typ. capacitances C = f (VDS) parameter: VGS =0V, f=1 MHz
10 4 3.5
SPD04N60C2 SPU04N60C2
18 Typ. Coss stored energy Eoss=f(VDS )
pF J
10 3
Ciss
C
E oss
10
2
2.5
2
1.5
Coss
10 1
Crss
1
0.5
10 0 0
100
200
300
400
V
600
0 0
100
200
300
400
V
600
VDS
VDS
Definition of diodes switching characteristics
Page 9
2002-10-07
Final data P-TO-252-3-1 (D-PAK)
SPD04N60C2 SPU04N60C2
6.5 +0.15 -0.10 A
1 0.1
2.3 +0.05 -0.10 B 0.9 +0.08 -0.04
5.4 0.1
0.8 0.15
9.9 0.5 6.22 -0.2
0.51 min
0.15 max per side
3x 0.75 0.1 2.28
0...0.15 0.5 +0.08 -0.04 1 0.1
4.57
0.25
M
AB
0.1
GPT09051
All metal surfaces tin plated, except area of cut.
P-TO-251-3-1 (I-PAK)
6.5 +0.15 -0.10 A
1 0.1
2.3 +0.05 -0.10 B 0.9 +0.08 -0.04
5.4 0.1
C
6.22 -0.2
0.15 max per side
9.3 0.4
3 x 0.75 0.1 2.28 4.56 0.25
M
0.5 +0.08 -0.04 1.0 ABC
GPT09050
All metal surfaces tin plated, except area of cut.
Page 10
2002-10-07
Final data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
SPD04N60C2 SPU04N60C2
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 11
2002-10-07


▲Up To Search▲   

 
Price & Availability of SPD04N60C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X